Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download BH95471F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL BH SERIES
High Profile SIP Thick Film Conformal Coated Resistor Networks
ELECTRICAL
Standard Resistance Range, Ohms Standard Resistance Tolerance, at 25C Operating Temperature Range Temperature Coefficient of Resistance Temperature Coefficient of Resistance, Tracking Maximum Operating Voltage Insulation Resistance
ENVIRONMENTAL
22 to 1Meg 2% Optional: 1% (F Tol.), 5% (J Tol.) -55C to +155C 100ppm/C (<100 Ohms = 250ppm/C) 50ppm/C 150Vdc or PR 10,000 Megohms
4
Thermal Shock plus Power Conditioning Short Time Overload Terminal Strength Moisture Resistance Mechanical Shock Vibration Low Temperature Storage High Temperature Exposure Load Life, 1,000 Hours Resistance to Solder Heat (Per MIL-STD-202, Method 210, Cond.B) Dielectric Withstanding Voltage Marking Permanency Lead Solderability Flammability Storage Temperature Range
Specifications subject to change without notice.
R 0.50% R 0.50% R 0.25% R 0.50% R 0.25% R 0.25% R 0.25% R 0.50% R 2.00% R 0.25% 200V for 1 minute MIL-STD-202, Method 215 MIL-STD-202, Method 208 UL-94V-O Rated -55C to +155C
4-17
Model BH Series
MECHANICAL
Lead Material Substrate Material Resistor Material Body Material
OUTLINE DIMENSIONS (Inch/mm)
Copper Alloy, 90/10 Tin-Lead Plating Alumina Cermet Conformal Epoxy Resin
"L" Max.
.095 Max. 2.41 .320 Max. 8.13 .140 .020 3.56 0.51
.100 .005 2.54 0.13 Pitch. NonAccumulative
No. of Leads
.020 .004 0.51 0.10
.012 .003 0.31 0.08 Centered on Package
# of Leads "L" Max.
4 .40 10.16
5 .50 12.70
6 .60 15.24
7 .70 17.78
8 .80 20.32
9 .90 22.86
10
11
12 1.20 30.48
13 1.30 33.02
14 1.40 35.56
1.00 1.10 25.40 27.94
SCHEMATICS
-3 Circuit Isolated Resistors
-1 Circuit Bussed Resistors
-5 Circuit Dual Terminator R2 R1
1
2
3
4
n
1
2
3
4
n
1
2
3
4
n
4-18
Model BH Series
STANDARD RESISTANCE VALUES, OHMS
POWER DERATING CURVE
-3 Circuit (Isolated Resistors) & -1 Circuits (Bussed Resistors)
Ohms 22 27 33 39 47 51 56 68 82 100 120 150 180 200 220 270 330 390 470 510 560 680 Code 220 270 330 390 470 510 560 680 820 101 121 151 181 201 221 271 331 391 471 511 561 681 Ohms 820 1K 1.2K 1.5K 1.8K 2K 2.2K 2.7K 3.3K 3.9K 4.7K 5.1K 5.6K 6.8K 8.2K 10K 12K 15K 18K 20K 22K 27K Code 821 102 122 152 182 202 222 272 332 392 472 512 562 682 822 103 123 153 183 203 223 273 Ohms 33K 39K 47K 51K 56K 68K 82K 100K 120K 159K 180K 200K 220K 270K 330K 390K 470K 510K 560K 680K 820K 1Meg Code 333 393 473 513 563 683 823 104 124 154 184 204 224 274 334 394 474 514 564 684 824 105
Lead #1 Indicator Logo BH8-1-102 Date Code TYPICAL PART MARKING POWER DISSIPATION, WATTS AT 70C
Percent of Rated Power
100 80 60 40 20 0 -0 70 150 Degrees C 155
Model BH6 BH8 BH10
Package 1.25 1.75 2.25
-1 .250 .250 .250
Per Resistor -3 .400 .400 .400
-5 4 .250 .250 .250
Package Power is equal to (N-1) times 0.250 where N equals number of pins.
-5 Ciircuit (Dual Terminators)
Ohms R1/R2 180/390 220/270 220/330 Code R1/R2 181/391 221/271 221/331 Ohms R1/R2 Code R1/R2 Ohms R1/R2 Code R1/R2
330/390 331/391 330/470 331/471 330/680 331/681
3K/6.2K 302/622
Model Series Number Of Leads Resistance Code Circuit Type
4-19
Model BH Series
PACKAGING
Standard:
Bulk Capacity
=
200 Units
ORDERING INFORMATION
BH 8 5 331 / 471 F Model Series Number of Leads: 4 thru 14 Circuit Type: -3 = Isolated -1 = Bussed -5 = Dual Terminator Resistance Code: First 2 digits are significant (3 digits for 1%) Last digit denotes number of trailing zeros. Tolerance Code: (If other than standard.) F = 1% J = 5%
R2 Resistance Code: (Add for -5 circuit only.)
4-20
Model BH Series


▲Up To Search▲   

 
Price & Availability of BH95471F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X